|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SA9259 5-CH BTL DRIVER FOR CD PLAYER WITH 5V OUTPUT VOLTAGE DESCRIPTION The SA9259 is a 5-channel motor driver for driving focus actuator, tracking actuator, sled motor, spindle motor and loading motor in products such as CD-PLAYER/VIDEO-CD drivers. FEATURES * Wide operating supply voltage range: 6V~13.2V * Thermal shutdown circuit on chip * Built-in 5V regulator controller. * Level shift circuit on chip. * Built-in Mute mode. * Built-in Loading motor speed control circuit. * Built-in 1 phase, full-wave, linear DC motor driver. HSOP-28-375-0.8 APPLICATIONS * CD-PLAYER * VIDEO-CD * CAR-CD ORDERING INFORMATION Device SA9259 Package HSOP-28-375-0.8 BLOCK DIAGRAM ABSOLUTE MAXIMUM RATINGS (Tamb=25C) Characteristics Maximum supply voltage Power dissipation Operating temperature Storage temperature Maximum current output Symbol VCCMAX PD TOPR TSTG IOMAX Rating 18 @1.7 -40~+85 -55~+150 1 Unit V W C C A HANGZHOU SILAN MICROELECTRONICS CO.,LTD Http: www.silan.com.cn REV:1.3 2007.01.26 Page 1 of 10 SA9259 NOTE: @ 1. When mounted on 76mm x 114mm x 1.57mm PCB (Phenolic resin material). 2. Power dissipation reduces 13.6mW / C for using above Tamb=25 C ELECTRICAL CHARACTERISTICS (Unless otherwise noted, Tamb=25C, VCC=8V, RL=8, f=1kHz) Characteristics Operating Voltage Quiescent Current Mute-on Current Mute-on Voltage Mute-off Voltage Regulator part Output Voltage Load Regulation Line Regulation VREG VRL3 VCC IL=100mA IL=0200mA VCC=613V, IL=100mA --RL=8 GND RL=8 VCC VIN=0V VIN=5V VIN=0.1VRMS VIN=0.1VRMS, f=120Hz 120Hz, VIN=1VRMS, square wave VPIN9=5V, VPIN14=0V, Output Voltage 1 VO1 RL=45, VCTL=3.54.5V VPIN9=0V, VPIN14=5V, Output Voltage 2 VO2 RL=45, VCTL=3.54.5V (To be continued) 2.5 3.3 3.8 V 2.5 3.3 3.8 V 4.7 -50 -20 5.1 0 0 5.4 50 80 V mV mV Symbol VCC ICCQ IMUTE VMON VMOFF Under no-load Pin 7=GND --Test condition Min. 6 4.0 --2 Typ. 8 5.5 3.0 --Max. 14 9.0 4.0 0.7 -Unit V mA mA V V Driver part (except for loading motor driver) Input Offset Voltage Output Offset Voltage1 Maximum Source Current 1 Maximum Sink Current 1 Maximum Output Voltage 1 Maximum Output Voltage 2 Closed-loop Voltage Gain Ripple Rejection Ratio Slew Rate VIO VOO1 ISOURCE1 ISINK1 VOM1 VOM2 AVF RR SR -15 -50 0.25 0.25 3.8 -5 40 1 --0.4 0.4 4.5 -4.5 6.5 60 2 15 50 ----3.7 8 --mV mV A A V V dB dB V/s LOADING MOTOR DRIVER PART (Unless otherwise specified, VCTL=opened) HANGZHOU SILAN MICROELECTRONICS CO.,LTD Http: www.silan.com.cn REV:1.3 2007.01.26 Page 2 of 10 SA9259 (Continued) Characteristics Output Voltage Regulation 1 (CTL) Output Voltage Regulation 2 (CTL) Load Regulation 1 Load Regulation 2 Output Offset Voltage 2 Output Offset Voltage 3 Symbol VOCTL1 Test condition VCTL=1.52.5V, VPIN9=5V VPIN14=0V, RL=45 VCTL=1.52.5V, VOCTL2 VPIN9=0V VPIN14=5V, RL=45 VRL1 VRL2 VOO2 VOO3 IL=100400mA, VPIN9=5V, VPIN14=0V IL=100400mA, VPIN9=0V, VPIN14=5V VPIN9=5V, VPIN14=5V VPIN9=0V, VPIN14=0V ---50 -50 300 300 --700 700 50 50 mV mV mV mV 0.5 1.0 1.5 V 0.5 1.0 1.5 V Min. Typ. Max. Unit PIN CONFIGURATION LD CTL VOTK2 VOTK1 VOLD2 GND2 VOLD1 VILD2 VOSL2 VOSP1 VOSL1 VOSP2 VITK2 VITK1 GND3 VREF FIN(GND) 28 27 26 25 24 23 22 21 20 19 18 17 16 15 SA9259 1 VOFC1 2 VOFC2 3 VIFC1 4 VIFC2 5 REB 6 REO 7 MUTE FIN(GND) 8 GND1 9 VILD1 10 11 12 13 14 VISP PIN DESCRIPTION Pin No. 1 2 3 4 5 6 7 8 9 10 Pin name VOFC1 VOFC2 VIFC1 VIFC2 REB REO MUTE GND1 VILD1 VISP Focus output 1(-) Focus output 2 (+) Focus input 1 Focus input 2 (Adjustable) Regulator base Regulator output, 5V Mute Ground 1 Loading input 1 Spindle input (To be continued) Pin descriptions HANGZHOU SILAN MICROELECTRONICS CO.,LTD Http: www.silan.com.cn VISL VCC2 VCC1 REV:1.3 2007.01.26 Page 3 of 10 SA9259 (Continued) Pin No. 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 Pin name VOSP1 VOSP2 GND2 VILD2 VOLD1 VOLD2 VOSL1 VOSL2 VISL LD CTL VCC1 VCC2 VREF VITK1 VITK2 VOTK1 VOTK2 GND3 Spindle output (+) Spindle output (-) Ground 2 Loading input 2 Loading output 1(+) Loading output 2 (-) Sled output (-) Sled output (+) Sled input Loading motor speed control Supply voltage 1 Supply voltage 2 2.5V bias Tracking input 1 (Adjustable) Tracking input 2 Tracking output 1 (+) Tracking output 2 (-) Ground 3 Pin descriptions FUNCTION DESCRIPTION 1. MUTE *This IC has a built in thermal shutdown circuit that mutes the output current when the chip temperature reaches 175C (typ.). The hysteresis is set to 25C (typ.), so the driver circuits start up again when the chip temperature falls to 150C (typ.). *The mute circuit logic is active low. *The circuit is muted during thermal shutdown and during the mute-on state .In each case, only the drivers are muted. The output pins remain at the internal bias voltage, roughly (Vcc - Vbe) / 2. *Bias pin (pin23) should be pulled up to more than 1.6V. In case the bias pin voltage is pulled down below 1.4V (Typ), the output current is muted. 2. Regulator This is a typical series regulator that generates a reference voltage internally. A PNP low saturation type transistor must be connected. REG Attached PNP VOUT +- VREF REO Oscillation prevention *VREF BG is the output voltage of the bandgap standard bias circuit and is also the standard voltage of the regulator. HANGZHOU SILAN MICROELECTRONICS CO.,LTD Http: www.silan.com.cn REV:1.3 2007.01.26 Page 4 of 10 SA9259 * Periphery circuit is composed of bipolar, KSB722 and one 100F capacitor. The capacitor needs good temperature characteristics to remove the ripple. *The output voltage VOUT is decided by the following formula: VOUT = VREF BG (R2 + R3) / R3 = 2.5 X 2 = 5V R2 = R3 3. LOADING MOTOR DRIVER *Input voltage (5V and 0V or 0V and 5V to pin 9 and pin 14. *After input the voltage to pin 9 and pin 14, decide the output of comparator according to the voltage state. *As the above figure, the voltage warp V, [VREF1 + (I x R)] - [VREF1 -(I x R)], used for the motor. And the direction of the motor is decided by the voltage warp +V and -V. *The output characteristics are as follows: FWD(pin9) L L H H REV(pin14) L H L H VOTR+(pin15) (Vcc - Vbe) / 2 L H (Vcc - Vbe) / 2 VOTR-(pin16) (Vcc - Vbe) / 2 H L (Vcc - Vbe) / 2 Function Stop mode Reverse mode Forward mode Stop mode 4. LOADING MOTOR SPEED CONTROL VCC(8V) 50K 4V 20 50K R VCC 4V VCC(8V) 50K 20 50K R VCC *If the torque of the loading motor is too low when it is used with the pin #20 open, then it should be used as the above diagram. *The desired torque could be obtained by selecting the appropriate resistor R as shown in the left diagram. *If it is necessary, the zener diode can be used as in the right diagram. *The maximum torque is obtained when the applied voltage at pin #20 is about 6.8V (at VCC=8V). 5. Connect a by-pass capacitor, 0.1F between the supply voltage source. VCC2 22 VCC1 21 104 HANGZHOU SILAN MICROELECTRONICS CO.,LTD Http: www.silan.com.cn REV:1.3 2007.01.26 Page 5 of 10 SA9259 6. Radiation fin is connecting to the internal GND of the package. Connect the fin to the external GND. ELECTRICAL CHARACTERISTICS CURVES VCC vs ICC Pin23=2.5 input=0 VCC vs Imute 16.00 14.00 12.00 10.00 8.00 6.00 4.00 2.00 0.00 4 6 8 10.00 8.00 6.00 4.00 2.00 0.00 10 12 VCC (V) 14 16 18 20 4 6 8 10 12 VCC (V) 14 16 18 20 1.40 1.20 1.00 0.80 0.60 0.40 0.20 0.00 4 6 8 VCC vs Isou Pin23=2.5 RL=8 1000 900 800 700 600 500 400 300 VCC vs Isink Pin23=2.5 RL=8 10 12 VCC (V) 14 16 18 20 200 4 6 8 10 12 VCC (V) 14 16 18 20 6.00 5.50 5.00 4.50 VCC vs Vreg 13.0 11.0 9.50 VCC vs Aom1 Vin=0.7 7.00 4.00 3.50 3.00 3 5 7 9 VCC (V) 11 13 15 5.00 3.00 4 6 8 10 VCC (V) 12 14 16 7.50 7.00 6.50 6.00 5.50 5.00 VCC vs Avf1 Pin23=2.5 RL=8 Vin=0.5V 4 6 8 10 VCC (V) 12 14 16 HANGZHOU SILAN MICROELECTRONICS CO.,LTD Http: www.silan.com.cn REV:1.3 2007.01.26 Page 6 of 10 SA9259 TEST CIRCUIT HANGZHOU SILAN MICROELECTRONICS CO.,LTD Http: www.silan.com.cn SA9259 REV:1.3 2007.01.26 Page 7 of 10 SA9259 TYPICAL APPLICATION CIRCUIT 15 16 17 18 19 20 21 14 13 12 11 10 9 8 VCC 104 22 23 24 25 26 27 28 7 100 6 5 4 3 2 1 5V out VCC KSB772 F MUTE Low: ON High:OFF HANGZHOU SILAN MICROELECTRONICS CO.,LTD Http: www.silan.com.cn REV:1.3 2007.01.26 Page 8 of 10 SA9259 PACKAGE OUTLINE HSOP-28-375-0.8 UNIT: mm HANGZHOU SILAN MICROELECTRONICS CO.,LTD Http: www.silan.com.cn REV:1.3 2007.01.26 Page 9 of 10 SA9259 ATTACHMENT Revision History Data 2003.01.08 2005.12.22 2006.12.05 2007.01.26 REV 1.0 1.1 1.2 1.3 Original Modify the " BLOCK DIAGRAM"and " ELECTRICAL CHARACTERISTICS" Modify the " ABSOLUTE MAXIMUM RATINGS" Modify the " ELECTRICAL CHARACTERISTICS" Description Page HANGZHOU SILAN MICROELECTRONICS CO.,LTD Http: www.silan.com.cn REV:1.3 2007.01.26 Page 10 of 10 |
Price & Availability of SA9259 |